| データシートサーチシステム |
|
ZSSC3240CC1B データシート(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSSC3240CC1B データシート(HTML) 39 Page - Renesas Technology Corp |
|
39 / 64 page ![]() ZSSC3240 Datasheet Nov.27.20 Page 39 The interrupt functionality is only available for digital values from the SSC-calculation unit. The interrupt feature cannot monitor raw values. The encoding and data format of the interrupt thresholds is the same as for SSC- corrected measurement results (see Table 32). Table 32. Data Format of Interrupt Thresholds (TRSH1 and TRSH2) Bit-Number 23 22 21 20 … 2 1 0 Meaning, Weighting 20 2-1 2-2 2-3 … 2-21 2-22 2-23 Time Measurement Result 0 max. threshold 1 threshold 2 Time 0 1 EOC Case A: threshold1 > threshold2 Time Measurement Result 0 max. threshold 2 threshold 1 Time 0 1 EOC Case B: threshold1 < threshold2 Time Measurement Result 0 max. threshold 1 Time 0 1 EOC INT_setup = 01BIN Time Measurement Result 0 max. threshold 1 Time 0 1 EOC INT_setup = 10BIN INT_setup = 11BIN Figure 23. EOC and Interrupt Thresholds |