データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2483 データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM2483
部品情報  180V Triple Bias Clamp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2483 データシート(HTML) 4 Page - National Semiconductor (TI)

  LM2483 Datasheet HTML 1Page - National Semiconductor (TI) LM2483 Datasheet HTML 2Page - National Semiconductor (TI) LM2483 Datasheet HTML 3Page - National Semiconductor (TI) LM2483 Datasheet HTML 4Page - National Semiconductor (TI) LM2483 Datasheet HTML 5Page - National Semiconductor (TI) LM2483 Datasheet HTML 6Page - National Semiconductor (TI) LM2483 Datasheet HTML 7Page - National Semiconductor (TI) LM2483 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Application
A typical application of the LM2483 is shown in Figures 5 and
Figure 6. Used in conjunction with an LM126X Preamp and
an LM2426 CRT Driver, a complete video channel from input
to CRT cathode can be achieved. Performance is ideal for
HDTV applications. Figure 5 and Figure 6 are the schematic
for the NSC demonstration board that can be used to evalu-
ate the LM126X/LM2426/LM2483.
NSC Demonstration Board
Figure 7 shows the routing and component placement on the
NSC LM126X/LM2426/LM2483 demonstration board. The
schematic of the board is shown in Figure 5 and Figure 6.
This board provides a good example of a layout that can be
used as a guide.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8