| データシートサーチシステム |
|
TSM1013AIDT データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSM1013AIDT データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 8 page ![]() TSM1013 PIN DESCRIPTION 2/8 1 PIN DESCRIPTION SO8 & Mini SO8 Pinout ABSOLUTE MAXIMUM RATINGS OPERATING CONDITIONS Name Pin # Type Function Vref 1 Analog Output Voltage Reference Cc- 2 Analog Input Input pin of the operationnal amplifier Cc+ 3 Analog Input Input pin of the operationnal amplifier Cv- 4 Analog Input Input pin of the operationnal amplifier Cv Out 5 Analog Output Output of the operational amplifier Gnd 6 Power Supply Ground Line. 0V Reference For All Voltages Cc Out 7 Analog Output Output of the operational amplifier Vcc 8 Power Supply Power supply line. Symbol DC Supply Voltage Value Unit Vcc DC Supply Voltage (50mA =< Icc) -0.3V to Vz V Vi Input Voltage -0.3 to Vcc V Tstg Storage temperature -55 to 150 °C Tj Junction temperature 150 °C Iref Voltage reference output current 10 mA ESD Electrostatic Discharge 2 KV Rthja Thermal Resistance Junction to Ambient Mini SO8 package 180 °C/W Rthja Thermal Resistance Junction to Ambient SO8 package 175 °C/W Symbol Parameter Value Unit Vcc DC Supply Conditions 4.5 to Vz V Toper Operational temperature 0 to 105 °C |