データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFF1606 データシート(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

部品番号 SFF1606
部品情報  Superfast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
ホームページ  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SFF1606 データシート(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SFF1606 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SFF1606 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SFF1606 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SFF1602 THRU SFF1606
Superfast Recovery Rectifiers
Type Number
Symbol
SFF1602
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward Rectified
Current @TC = 100
oC
I(AV)
16
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
100
A
Maximum Instantaneous Forward Voltage
@ 8.0A
VF
V
Maximum DC Reverse Current
@TA=25
oC at Rated DC Blocking Voltage
@ TA=100
oC
IR
10
400
uA
uA
Maximum Reverse Recovery Time
(Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
80
60
pF
Typical Thermal Resistance (Note 3)
RθJC
1.5
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mounted on Heatsink Size of 3” x 5” x 0.25” Al-Plate.
400
600
200
140
280
420
200
400
600
SFF1604
SFF1606
0.975
1.30
1.70
◆ Ultrafast 35 Nanosecond Recovery Time
◆ 150°C Operating Junction Temperature
◆ Epoxy Meets UL94 ,V0 @ 1/8"
◆ High Temperature Glass Passivated Junction
◆ Low Forward Voltage
◆ Low Leakage Current
◆ Reverse Voltage to 600 Volts
◆ Pb
−Free Packages are Available
● Case: Epoxy, Molded
● Shipped 50 units per plastic tube
FEATURES
MECHANICAL DATA
Ratings at 25ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics
◆ Popular ITO
TO -220
-220
Package
&
● Finish: All External Surfaces Corrosion
Resistant and Terminal
● Lead Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
Leads are Readily
Solderable
ITO-220AB
TO-220AB
http://www.trr-jx.com
version: 02


同様の部品番号 - SFF1606

メーカー部品番号データシート部品情報
logo
Guangdong Juxing Electr...
SFF1606 JUXING-SFF1606 Datasheet
2Mb / 2P
Superfast Recovery Rectifiers
logo
ASEMI TECHNOLOGY., LTD
SFF1606 ASEMI-SFF1606 Datasheet
296Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
SFF1606A ASEMI-SFF1606A Datasheet
293Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
logo
SUNMATE electronic Co.,...
SFF1606CT SUNMATE-SFF1606CT Datasheet
1Mb / 2P
SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SFF1606G TSC-SFF1606G Datasheet
115Kb / 2P
Isolation 16.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

同様の説明 - SFF1606

メーカー部品番号データシート部品情報
logo
Transys Electronics
ER100 TRSYS-ER100 Datasheet
198Kb / 3P
SUPERFAST RECOVERY RECTIFIERS
ER100S TRSYS-ER100S Datasheet
147Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ED602CS PANJIT-ED602CS_04 Datasheet
48Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ED802CT PANJIT-ED802CT_04 Datasheet
39Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
SF21 HY-SF21 Datasheet
38Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
SF31 HY-SF31 Datasheet
38Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
SF41 HY-SF41 Datasheet
35Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
EDT302S PANJIT-EDT302S Datasheet
415Kb / 5P
SUPERFAST RECOVERY RECTIFIERS
MURC4JI PANJIT-MURC4JI Datasheet
176Kb / 4P
SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com