データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FTD8201 データシート(PDF) 1 Page - First Silicon Co., Ltd

部品番号 FTD8201
部品情報  White LED Step-up Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FS [First Silicon Co., Ltd]
ホームページ  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD8201 データシート(HTML) 1 Page - First Silicon Co., Ltd

  FTD8201 Datasheet HTML 1Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 2Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 3Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 4Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 5Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 6Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 7Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 8Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FTD8201
2014. 01. 04
1/10
Revision No : 0
White LED Step-up Converter
General Description
The FTD8201 is a step-up DC/DC converter designed for driving
up to 5 white LEDs in series from a single cell Lithium Ion
battery with constant current. Because it directly regulates
output current, the FTD8201 is ideal for driving light
emitting diodes (LEDs) whose light intensity is
proportional to the current passing through them, not the
voltage across their terminals. A single external resistor sets
LED current between 2mA and 20mA, which can then be
easily adjusted using either a DC voltage or a pulse width
modulated (PWM) signal up to 100KHz. Its low
104mV feedback voltage reduces power loss and
improves efficiency. The OV pin monitors the output
voltage and turns off the converter if an
over-voltage condition is present due to an open circuit
condition. The FTD8201 is available in SOT23-6 packages.
Features
Drives Up to 5 Series White LEDs from 3V
Up to 87% Efficiency
1.25MHz Fixed Switching Frequency
Low 104mV Feedback Voltage
Open Load Shutdown
PWM Dimming
SOT23-6 Packages
RoHS compliant
Applications
Cell Phones
Handheld Computers and PDAs
Digital Cameras
Small LCD Displays


同様の部品番号 - FTD8201

メーカー部品番号データシート部品情報
logo
First Silicon Co., Ltd
FTD8203 FS-FTD8203 Datasheet
1Mb / 13P
White LED Step-up Converter
More results

同様の説明 - FTD8201

メーカー部品番号データシート部品情報
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com