| データシートサーチシステム |
|
VDR10D821K データシート(PDF) 2 Page - HuaXinAn Electronics CO.,LTD |
|
|
|||||||||||||||||||||||||||||
VDR10D821K データシート(HTML) 2 Page - HuaXinAn Electronics CO.,LTD |
|
2 / 6 page ![]() VDR10D Standard MOV Electrical Characteristics Part Number Maximum Allowable Voltage Varistor Voltage Maximum Clamping Voltage Max Surge Current 8/20μs Maximum Energy (10/1000μs) Typical Capacitance (Reference) Safety Certification Standard MOV VAC(V) VDC(V) V1mA(V) VC(V) Imax (J) 1KHz(pf) UL / CUL VDE AT 25A Standard Standard VDR10D180L 11 14 18(15~21.6) 36 500A 2.1 5600 √ √ VDR10D220K 14 18 22(19.5~26) 43 500A 2.5 4500 √ √ VDR10D270K 17 22 27(24~30) 53 500A 3 3700 √ √ VDR10D330K 20 26 33(29.5~36.5) 66 500A 4 3000 √ √ VDR10D390K 25 31 39(35~43) 77 500A 4.6 2400 √ √ VDR10D470K 30 38 47(42~54) 93 500A 5.5 2100 √ √ VDR10D560K 35 45 56(50~62) 100 500A 7 1800 √ √ VDR10D680K 40 56 68(61~75) 135 500A 8.2 1500 √ √ VDR10D820K 50 65 82(74~90) 135 2500A 12 1200 √ √ VDR10D101K 60 85 100(90~110) 165 2500A 15 1000 √ √ VDR10D121K 75 100 120(108~132) 200 2500A 18 830 √ √ VDR10D151K 95 125 150(135~165) 250 2500A 22 670 √ √ VDR10D181K 115 150 180(162~198) 300 2500A 27 560 √ √ VDR10D201K 130 170 200(180~220) 340 2500A 30 500 √ √ VDR10D221K 140 180 220(198~242) 360 2500A 32 450 √ √ VDR10D241K 150 200 240(216~264) 395 2500A 35 420 √ √ VDR10D271K 175 225 270(243~297) 455 2500A 40 370 √ √ VDR10D301K 190 250 300(270~330) 500 2500A 40 330 √ √ VDR10D331K 210 275 330(297~363) 550 2500A 40 300 √ √ VDR10D361K 230 300 360(324~396) 595 2500A 43 280 √ √ VDR10D391K 250 320 390(351~429) 650 2500A 47 260 √ √ VDR10D431K 275 350 430(387~473) 710 2500A 60 230 √ √ VDR10D471K 300 385 470(423~517) 775 2500A 65 210 √ √ VDR10D511K 320 415 510(459~561) 845 2500A 70 200 √ √ VDR10D561K 350 460 560(504~616) 925 2500A 70 180 √ √ VDR10D621K 385 505 620(558~682) 1025 2500A 70 160 √ √ VDR10D681K 420 560 680(612~748) 1120 2500A 70 150 √ √ VDR10D751K 460 615 750(675~825) 1240 2500A 70 130 √ √ VDR10D781K 485 640 780(702~858) 1290 2500A 80 130 √ √ VDR10D821K 510 670 820(738~902) 1355 2500A 85 120 √ √ VDR10D911K 550 745 910(819~1001) 1500 2500A 93 110 √ √ VDR10D102K 625 825 1000(900~1100) 1650 2500A 102 100 √ √ VDR10D112K 680 895 1100(990~1210) 1815 2500A 115 90 √ √ |