| データシートサーチシステム |
|
TMP47P201 データシート(PDF) 7 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP47P201 データシート(HTML) 7 Page - Toshiba Semiconductor |
|
7 / 32 page ![]() TOSHIBA CORPORATION 7/32 TMP47C101/201 2.4 Data Memory (RAM) The 47C101 has 64 x 4 bits (addresses 00H through 3FH) of the data memory (RAM), and the 47C201 has 128 x 4 bits (addresses 00H through 7FH). The RAM is addressed in one of the three ways (address- ing modes): (1) Register-indirect addressing mode In this mode, a page is specified by the H register and an address in the page by the L register. Example: LD A, @HL ; Acc ←RAM [HL] (2) Direct addressing mode In this mode, an address is directly specified by the 8 bits of the second byte (operand) in the instruction field. Example: LD A, 2CH ; Acc ←RAM [2C H] (3) Zero-page addressing mode In this mode, an address in zero-page (addresses 00H through 0FH) is specified by the lower 4 bits of the sec- ond byte (operand) in the instruction field. Example: ST #3, 05H ; RAM [05H]←3 Figure 2-5. Addressing Mode 2.4.1 Data Memory Map Figure 2-6 shows the data memory map. The data memory is also used for the following special purpose. Stack and Stack Pointer Word (SPW) Data Counter (DC) Count registers of the timer/counters (TC1, TC2) Zero-page Figure 2-6. Data Memory Map (47C201) |