データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAN7430/Y9X データシート(PDF) 15 Page - Microchip Technology

部品番号 LAN7430/Y9X
部品情報  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430/Y9X データシート(HTML) 15 Page - Microchip Technology

Back Button LAN7430/Y9X Datasheet HTML 11Page - Microchip Technology LAN7430/Y9X Datasheet HTML 12Page - Microchip Technology LAN7430/Y9X Datasheet HTML 13Page - Microchip Technology LAN7430/Y9X Datasheet HTML 14Page - Microchip Technology LAN7430/Y9X Datasheet HTML 15Page - Microchip Technology LAN7430/Y9X Datasheet HTML 16Page - Microchip Technology LAN7430/Y9X Datasheet HTML 17Page - Microchip Technology LAN7430/Y9X Datasheet HTML 18Page - Microchip Technology LAN7430/Y9X Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 15
LAN7430/LAN7431
TABLE 3-2:
LAN7431 PIN ASSIGNMENTS
Pin
Pin Name
Pin
Pin Name
1
AVDDH_1
37
PCIE_CLK_M
2
AVDDL_1
38
VDD25_REG_OUT
3
VDDVARIO_B
39
VDD_REG_IN
4
TXD3
40
DUPLEX
5
TXD2
41
PHY_INT_N
6
TXD1
42
PHY_RESET_N
7
VDDVARIO_B
43
VDDVARIO
8
TXD0
44
RESET_N
9
TX_ER/MII_EN
45
TEST
10
TX_CTL/TX_EN
46
VDD12CORE
11
TXC/TX_CLK
47
GPIO9/TCK
12
VDDVADIO_B
48
VDDVARIO
13
RXC/RX_CLK
49
GPIO8/TDI
14
RX_CTL/RX_DV
50
GPIO7/TMS
15
RXD0
51
VDD12_SW_OUT
16
RXD1
52
VDD_SW_IN
17
RXD2
53
VDD12_SW_FB
18
RXD3
54
GPIO6/TDO
19
VDDVARIO_B
55
GPIO5
20
CLK125/RX_ER
56
GPIO4
21
REFCLK_25/GPIO11
57
VAUX_DET/GPIO3
22
COL/GPIO10
58
EECLK/GPIO2/ADV_PM_DISABLE
23
CRS
59
EEDIO/GPIO1
24
VDD12CORE
60
EECS/GPIO0
25
VP
61
VDDVARIO
26
GD_1
62
VDD12CORE
27
PCIE_RX_P
63
MDIO
28
PCIE_RX_M
64
MDC
29
GD_2
65
VDD_OTP
30
PCIE_TX_P
66
CLKREQ#
31
VPTX
67
WAKE#
32
PCIE_TX_M
68
PERST#
33
GD_3
69
AVDD12
34
VPH
70
XO
35
RESREF
71
XI
36
PCIE_CLK_P
72
ISET
Exposed Pad (VSS) must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77