| データシートサーチシステム |
|
ABN2F データシート(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ABN2F データシート(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 51 page ![]() 23 ø30 Series Pushbuttons ø30 Mushroom / Jumbo Mushroom / Square Flush / Square Extended Pushbuttons Package Quantity: 1 Shape Operation Contact Part No. ➀ Button Color Code Dimensions (mm) Mushroom ABN3 Momentary 1NO ABN310➀ B: black G: green R: red S: blue W: white Y: yellow M3.5 Terminal Screw 6 23 40 Panel Thickness 0.8 to 7.5 46 (1 or 2 blocks) 69 (3 or 4 blocks) 21 1NC ABN301➀ 1NO-1NC ABN311➀ 2NO ABN320➀ 2NC ABN302➀ 2NO-2NC ABN322➀ Mushroom AON3 Maintained 1NO AON310➀ M3.5 Terminal Screw 6 23 40 Panel Thickness 0.8 to 7.5 68 (1 or 2 blocks) 91 (3 or 4 blocks) 21 1NC AON301➀ 1NO-1NC AON311➀ 2NO AON320➀ 2NC AON302➀ 2NO-2NC AON322➀ Mushroom with Full Shroud ABN3G Momentary 1NO ABN3G10➀ M3.5 Terminal Screw 623 Panel Thickness 0.8 to 6.5 44 (1 or 2 blocks) 67 (3 or 4 blocks) 23 1NC ABN3G01➀ 1NO-1NC ABN3G11➀ 2NO ABN3G20➀ 2NC ABN3G02➀ 2NO-2NC ABN3G22➀ Palm Mushroom ABN4 Momentary 1NO ABN410➀ B: black G: green R: red M3.5 Terminal Screw 6 23 46 (1 or 2 blocks) 69 (3 or 4 blocks) Panel Thickness 0.8 to 7.5 35 1NC ABN401➀ 1NO-1NC ABN411➀ 2NO ABN420➀ 2NC ABN402➀ 2NO-2NC ABN422➀ Jumbo Mushroom with Shallow Shroud ABN4G Momentary 1NO ABN4G10➀ M3.5 Terminal Screw 6 23 Panel Thickness 0.8 to 7.5 46 (1 or 2 blocks) 69 (3 or 4 blocks) 28 1NC ABN4G01➀ 1NO-1NC ABN4G11➀ 2NO ABN4G20➀ 2NC ABN4G02➀ 2NO-2NC ABN4G22➀ Jumbo Mushroom with Deep Shroud ABN4F Momentary 1NO ABN4F10➀ M3.5 Terminal Screw 623 Panel Thickness 0.8 to 7.5 32.5 46 (1 or 2 blocks) 69 (3 or 4 blocks) 1NC ABN4F01➀ 1NO-1NC ABN4F11➀ 2NO ABN4F20➀ 2NC ABN4F02➀ 2NO-2NC ABN4F22➀ Square Flush UBQN1 Momentary 1NO UBQN110➀ B: black G: green R: red Y: yellow M3.5 Terminal Screw 623 40 Panel Thickness 0.8 to 5.5 14 44 70.5 (3 or 4 blocks) 47.5 (1 or 2 blocks) 1NC UBQN101➀ 1NO-1NC UBQN111➀ 2NO UBQN120➀ 2NC UBQN102➀ 2NO-2NC UBQN122➀ Square Extended UBQN2 Momentary 1NO UBQN210➀ M3.5 Terminal Screw 6 23 40 Panel Thickness 0.8 to 5.5 44 47.5 (1 or 2 blocks) 70.5 (3 or 4 blocks) 20 1NC UBQN201➀ 1NO-1NC UBQN211➀ 2NO UBQN220➀ 2NC UBQN202➀ 2NO-2NC UBQN222➀ •Specify a button color code in place of ➀ in the Part No. •Round/square bezel and shroud (metal): Chrome-plated •Other contact arrangements and gold-plated silver contacts are also available. See page 20. (nameplate sold separately) (nameplate sold separately) ø30 (14/03/18) |