| データシートサーチシステム |
|
VG6640 データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VG6640 データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 126 page ![]() DocID023597 Rev 11 29/126 VG6640, VD6640 Control interface 125 The interface also supports auto-increment indexing. After the first data byte has been transferred, the index is automatically incremented by 1. The master can therefore send data bytes continuously to the slave until the slave fails to provide an acknowledge or the master terminates the write communication with a stop condition. If the auto-increment feature is used the master does not have to send address indexes to accompany the data bytes. Figure 13. Data format (sequential write) Figure 14. Data format (sequential read) Further details of the control interface protocol can be found in the MIPI Alliance Standard for Camera Serial Interface 2 (CSI-2). S Ac ADDRESS[7:0] Ac INDEX[15:8] INDEX[7:0] Ac 0x20 (write) P Ac DATA[7:0] Ac DATA[7:0] Ac DATA[7:0] S Ac ADDRESS[7:0] Ac INDEX[15:8] INDEX[7:0] Ac P 0x20 (write) S Ac ADDRESS[7:0] Am DATA[7:0] P 0x21 (read) Am DATA[7:0] Am DATA[7:0] Am DATA[7:0] Am DATA[7:0] |