データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VD6640 データシート(PDF) 35 Page - STMicroelectronics

部品番号 VD6640
部品情報  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 データシート(HTML) 35 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 31Page - STMicroelectronics VD6640 Datasheet HTML 32Page - STMicroelectronics VD6640 Datasheet HTML 33Page - STMicroelectronics VD6640 Datasheet HTML 34Page - STMicroelectronics VD6640 Datasheet HTML 35Page - STMicroelectronics VD6640 Datasheet HTML 36Page - STMicroelectronics VD6640 Datasheet HTML 37Page - STMicroelectronics VD6640 Datasheet HTML 38Page - STMicroelectronics VD6640 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 126 page
background image
DocID023597 Rev 11
35/126
VG6640, VD6640
Control interface
125
0x0112 HI
Data_Format
16UI
0x16
RW
The value of this register contains the
bit-depth of the uncompressed pixel
data.
The only valid value is 0x16 (22-bit).
0x0113 LO
0x0C
The value of this register contains the
bit-depth of the compressed pixel
data.
The only valid value is 0x0C (12-bit).
0x0114
CSI_Lane_Mode
8UI
0x01
RW
The number of CSI2 data lanes in
use.
0x00 = 1-lane.
0x01 = 2-lane.
Table 8. Setup registers [0x0100 to 0x0114] (continued)
Index
Byte
Register name
Data
type
Default
Type
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More