データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES9028PRO データシート(PDF) 22 Page - ESS Technology,Inc

部品番号 ES9028PRO
部品情報  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ESS [ESS Technology,Inc]
ホームページ  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028PRO データシート(HTML) 22 Page - ESS Technology,Inc

Back Button ES9028PRO Datasheet HTML 18Page - ESS Technology,Inc ES9028PRO Datasheet HTML 19Page - ESS Technology,Inc ES9028PRO Datasheet HTML 20Page - ESS Technology,Inc ES9028PRO Datasheet HTML 21Page - ESS Technology,Inc ES9028PRO Datasheet HTML 22Page - ESS Technology,Inc ES9028PRO Datasheet HTML 23Page - ESS Technology,Inc ES9028PRO Datasheet HTML 24Page - ESS Technology,Inc ES9028PRO Datasheet HTML 25Page - ESS Technology,Inc ES9028PRO Datasheet HTML 26Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
CONFIDENTIAL INFORMATION v3.6
July 6, 2020
ES9028PRO 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
22
4’d 13
gpio1_cfg and gpio2_cfg
• ADC Input
gpio3_cfg and gpio4_cfg
• Reserved
Input
• gpio1_cfg: GPIO1 becomes ADC2 input
gpio2_cfg: GPIO2 becomes ADC1 input
4’d 14
Soft Start Complete
Output
Output is high when the DAC output is ramped to ground. The DAC
can be ramped to ground via an automute condition when
appropriately programmed, or via register 14.
4’d 15
Output 1’b1
Output
Output is forced high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57