データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SWIXO7S0E データシート(PDF) 19 Page - Seoul Semiconductor

部品番号 SWIXO7S0E
部品情報  Direct TV Application
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEOUL [Seoul Semiconductor]
ホームページ  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWIXO7S0E データシート(HTML) 19 Page - Seoul Semiconductor

Back Button SWIXO7S0E Datasheet HTML 14Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 15Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 16Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 17Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 18Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 19Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 20Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 21Page - Seoul Semiconductor SWIXO7S0E Datasheet HTML 22Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
R0.00 January 9, 2020
www.seoulsemicon.com
Product Data Sheet
SWIXO7S0E
– WICOP
19
Precaution for Use
(5) LEDs are sensitive to Electro-Static Discharge (ESD) and Electrical Over Stress (EOS).
Below is a list of suggestions that Seoul Semiconductor purposes to minimize these effects.
a. ESD (Electro Static Discharge)
Electrostatic discharge (ESD) is the defined as the release of static electricity when two objects come
into contact. While most ESD events are considered harmless, it can be an expensive problem in
many industrial environments during production and storage. The damage from ESD to an LEDs may
cause the product to demonstrate unusual characteristics such as:
- Increase in reverse leakage current lowered turn-on voltage
- Abnormal emissions from the LED at low current
The following recommendations are suggested to help minimize the potential for an ESD event.
One or more recommended work area suggestions:
- Ionizing fan setup
- ESD table/shelf mat made of conductive materials
- ESD safe storage containers
One or more personnel suggestion options:
- Antistatic wrist-strap
- Antistatic material shoes
- Antistatic clothes
Environmental controls:
- Humidity control (ESD gets worse in a dry environment)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22