| データシートサーチシステム |
|
SWIFO111E データシート(PDF) 13 Page - Seoul Semiconductor |
|
|
|||||||||||||||||||||||||||||
SWIFO111E データシート(HTML) 13 Page - Seoul Semiconductor |
|
13 / 23 page ![]() R00 January 9, 2020 www.seoulsemicon.com Product Data Sheet SWIFO111E – WICOP 13 Emitter Tape & Reel Packaging (1) Quantity : 1000pcs/Reel ~ 2500pcs/Reel (Can be blank , less than 20) (2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be ±0.2mm (3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the cover tape is turned off from the carrier tape at the angle of 10º to the carrier tape (4) Package : P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package ( Tolerance: ±0.2, Unit: mm ) 180 13 2 22 11.4±1.0 9±0.3 |