| データシートサーチシステム |
|
STM1061 データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1061 データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 21 page ![]() STM1061 12/21 DC AND AC PARAMETERS This section summarizes the operating measure- ment conditions, and the DC and AC characteris- tics of the device. The parameters in the DC and AC characteristics Tables that follow, are derived from tests performed under the Measurement Conditions summarized in Table 4, Operating and AC Measurement Conditions. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Table 4. Operating and AC Measurement Conditions Figure 15. AC Testing Input/Output Waveforms Figure 16. Voltage Timing Waveform Parameter STM1061 Unit VCC Supply Voltage 0.7 to 6.0 V Input Rise and Fall Times ≤ 5ns Input Pulse Voltages 0.2 to 0.8VCC V Input and Output Timing Ref. Voltages 0.3 to 0.7VCC V AI02568 0.8VCC 0.2VCC 0.7VCC 0.3VCC AI10483 VCC VCC (min) VSS VTH+ VTH– tPR Release Delay tPD Detect Delay Release Voltage (VTH+ = VTH– + VHYST) Detect Voltage VSS VOUT |