| データシートサーチシステム |
|
PMC01C024 データシート(PDF) 4 Page - Carlo Gavazzi Holding AG |
|
|
|||||||||||||||||||||||||||||
PMC01C024 データシート(HTML) 4 Page - Carlo Gavazzi Holding AG |
|
4 / 6 page ![]() 4 Specifications are subject to change without notice (18.06.07) DMC01, PMC01 Operation Diagrams Function Op - Delay on operate, manual start Function Oa - Delay on operate, automatic and manual start Function In - Interval, manual start Function Ia - Interval, automatic and manual start Function Nr - Interval with no time reset, manual start Function Na - Interval with no time reset, automatic and manual start Function Dr - Delay on release Power supply Trigger input Relay 1 ON LED Relay 2 ON (delayed) Relay 2 ON (instant.) Power supply Trigger input Relay 1 ON LED Relay 2 ON (delayed) Relay 2 ON (instant.) Power supply Trigger input Relay 1 ON LED Relay 2 ON (delayed) Relay 2 ON (instant.) Power supply Trigger input Relay 1 ON LED Relay 2 ON (delayed) Relay 2 ON (instant.) Power supply Trigger input Relay 1 ON LED Relay 2 ON (delayed) Relay 2 ON (instant.) Power supply Trigger input Relay 1 ON LED Relay 2 ON (delayed) Relay 2 ON (instant.) Power supply Trigger input Relay 1 ON LED Relay 2 ON (delayed) Relay 2 ON (instant.) ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF |