| データシートサーチシステム |
|
AD9986 データシート(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9986 データシート(HTML) 3 Page - Analog Devices |
|
3 / 5 page ![]() Preliminary Technical Data AD9986 Rev. PrA | Page 3 of 5 FUNCTIONAL BLOCK DIAGRAM PA PROTECT RAMP UP/DOWN COARSE DIGITAL UP CONVERSION PA PROTECT RAMP UP/DOWN COARSE DIGITAL UP CONVERSION PA PROTECT RAMP UP/DOWN COARSE DIGITAL UP CONVERSION PA PROTECT RAMP UP/DOWN COARSE DIGITAL UP CONVERSION ADC FAST DETECT SIGNAL MONITOR ÷1, ÷2, ÷3, ÷4 ALIGN DETECT CLOCK DISTRIBUTION AND CONTROL LOGIC SYNCRONIZATION LOGIC SPI GPIO MUX MICRO PROCESSOR ADC VCM DAC VREF IN0_P IN0_N AGC0_0, AGC0_1 TO AGC3_0, AGC3_1 SYNCIN0± SYNCIN1± Rx_EN0 Rx_EN1 ADC_VCM0 TO ADC_VCM3 SERDOUT0± SERDOUT7± SERDOUT6± SERDOUT5± SERDOUT4± SERDOUT3± SERDOUT2± SERDOUT1± PEAK VALUE PLL ÷1 OR ÷2 CLOCK RECEIVER FINE DIGITAL DOWNCONVERSION FINE DIGITAL DOWNCONVERSION FINE DIGITAL DOWNCONVERSION FINE DIGITAL DOWNCONVERSION FINE DIGITAL DOWNCONVERSION FINE DIGITAL DOWNCONVERSION FINE DIGITAL DOWNCONVERSION FINE DIGITAL DOWNCONVERSION COARSE DIGITAL DOWNCONVERSION COARSE DIGITAL DOWNCONVERSION COARSE DIGITAL DOWNCONVERSION COARSE DIGITAL DOWNCONVERSION VDD1_NVG BVDD3 BVNN2 RVNN1 BVNN1 NVG1_OUT SYSREF CLOCK RECEIVER ADC IN1_P IN1_N AD9986 FINE DIGITAL DOWNCONVERSION FINE DIGITAL DOWNCONVERSION FINE DIGITAL DOWNCONVERSION FINE DIGITAL DOWNCONVERSION FINE DIGITAL DOWNCONVERSION FINE DIGITAL DOWNCONVERSION FINE DIGITAL DOWNCONVERSION FINE DIGITAL DOWNCONVERSION DELAY ADJUST DELAY ADJUST DELAY ADJUST DELAY ADJUST DELAY ADJUST DELAY ADJUST DELAY ADJUST DELAY ADJUST SYNCOUT0± SYNCOUT1± TO DAC CLOCK SERDIN0± SERDIN1± SERDIN2± SERDIN3± SERDIN4± SERDIN5± SERDIN6± SERDIN7± DAC OUT0_P OUT0_N DAC OUT1_P OUT1_N DAC OUT2_P OUT2_N DAC OUT3_P OUT3_N DAC CLOCK BUFFER BUFFER Figure 1. |