データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADG5401F データシート(PDF) 7 Page - Analog Devices

部品番号 ADG5401F
部品情報  짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADG5401F データシート(HTML) 7 Page - Analog Devices

Back Button ADG5401F Datasheet HTML 3Page - Analog Devices ADG5401F Datasheet HTML 4Page - Analog Devices ADG5401F Datasheet HTML 5Page - Analog Devices ADG5401F Datasheet HTML 6Page - Analog Devices ADG5401F Datasheet HTML 7Page - Analog Devices ADG5401F Datasheet HTML 8Page - Analog Devices ADG5401F Datasheet HTML 9Page - Analog Devices ADG5401F Datasheet HTML 10Page - Analog Devices ADG5401F Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Data Sheet
ADG5421F
Rev. 0 | Page 7 of 31
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
tRESPONSE
Positive
160
ns typ
RL = 1 kΩ, CL = 5 pF, see Figure 40
190
190
190
ns max
RL = 1 kΩ, CL = 5 pF
Negative
360
ns typ
RL = 1 kΩ, CL = 5 pF, see Figure 41
440
460
490
ns max
RL = 1 kΩ, CL = 5 pF
tRECOVERY
11.7
µs typ
RL = 1 kΩ, CL = 5 pF, see Figure 42
14.8
14.8
14.9
µs max
RL = 1 kΩ, CL = 5 pF
tDIGRESP
120
ns typ
RPULLUP = 1 kΩ, CL = 12 pF,
VPULL_UP = 5 V, see Figure 43
140
140
140
ns max
RPULLUP = 1 kΩ, CL = 12 pF,
VPULL_UP = 5 V
tDIGREC
2.2
µs typ
RPULLUP = 1 kΩ, CL = 12 pF,
VPULL_UP = 5 V, see Figure 44
2.8
3
3
µs max
RPULLUP = 1 kΩ, CL = 12 pF,
VPULL_UP = 5 V
QINJ
−150
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF,
see Figure 46
Off Isolation
−85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 36
Channel to Channel Crosstalk
−78
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 37
THD + N
0.001
% typ
RL = 10 kΩ, VS = 10 V p-p,
f = 20 Hz to 20 kHz, see Figure 39
−3 dB Bandwidth
630
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 38
Insertion Loss
−0.95
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 38
CS (Off)
6
pF typ
VS = 0 V, f = 1 MHz
CD (Off)
5
pF typ
VS = 0 V, f = 1 MHz
CD (On), CS (On)
11
pF typ
VS = 0 V, f = 1 MHz
CDFLAT (On), CSFLAT (On)
2.5
pF typ
VS = VSS to VDD − 2 V, f = 1 MHz
CMATCH (On)
0.3
pF typ
VS = VSS to VDD − 2 V, f = 1 MHz
POWER REQUIREMENTS
VDD = +22 V, VSS = −22 V, GND = 0 V,
digital inputs = 0 V or +5 V
Normal Mode
IDD
130
µA typ
205
205
µA max
IGND
55
µA typ
90
90
µA max
ISS
75
µA typ
115
115
µA max
Fault Mode
VS = ±60 V
IDD
185
µA typ
270
270
µA max
IGND
155
µA typ
210
210
µA max
ISS
55
µA typ
90
90
µA max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com