| データシートサーチシステム |
|
STSAFE-A110 データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSAFE-A110 データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 36 page ![]() DS13039 Rev 1 21/36 STSAFE-A110 Pairing with a local host 35 Figure 12. Wrap/Unwrap Local Envelop command flow 3.3 Symmetric signature, verification, encryption and decryption with keys from the symmetric key table The STSAFE-A110 offers 16 slots for the storage of 128-bit AES keys to execute data signature generation or verification or/and data encryption or decryption. These 16 slots form what is known as the symmetric key table. Before use, the keys must be personalized in the different slots. This personalization is only possible through an Admin session. This service is recommended for customers that have the capacity to configure their devices in a secure manner. |