| データシートサーチシステム |
|
SN10 データシート(PDF) 28 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SN10 データシート(HTML) 28 Page - List of Unclassifed Manufacturers |
|
28 / 98 page ![]() ILEC SN10 User Manual The SN10 Database 4.1 Types of Points (Point Attribute Codes) Points in your database include primarily turnpoints and landing points. It is very important to properly classify points in the database for correct operation of your SN10 ! Each point is classified with at least one and often several of following attributes (characteristics), displayed with summary codes in the HELP text for the point: Code Full Description and Function T Turnpoint. This point will appear in the list of available turnpoints on the task page. L Landable. A safe landing field. This point will appear in the list of alternates (on the Alternates page), and also as a possible choice in the Finish Point of the task page. Points not marked Landable will not appear on the Alternates page or as alternates on the moving map ! A Airport. It may be an airport that is unsafe for landing because its too narrow, closed, or for helicopters only. This attribute does not cause a point to appear in the list of alternates. If you wish a point to appear as a possible landing point on the Alternates page, you must also set the “Landable” attribute. If Touring is selected, this point will also appear as an available choice for a task turnpoint (see Touring vs. Competition). S Start Point. This point will appear as a possible choice for the Start Point of the task. F Finish Point. This point will appear as a possible choice for the Finish Point of the task. M A point of interest, where perhaps no further information is available. Software Version 2.31 Manual Revised 13-Dec-2005 Page 21 of 91 |