データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HSMJ-A100-R40J1 データシート(PDF) 9 Page - Broadcom Corporation.

部品番号 HSMJ-A100-R40J1
部品情報  PLCC-2, Surface Mount LED Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOARDCOM [Broadcom Corporation.]
ホームページ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMJ-A100-R40J1 データシート(HTML) 9 Page - Broadcom Corporation.

Back Button HSMJ-A100-R40J1 Datasheet HTML 5Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 6Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 7Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 8Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 9Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 10Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 11Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 12Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Broadcom
AV02-0198EN
9
HSMx-A10x-xxxxx Data Sheet
PLCC-2, Surface Mount LED Indicator
Figure 8: Radiation Pattern
NOTE: For detailed information on reflow soldering of Broadcom surface mount LEDs, refer to Broadcom Application Note
AN 1060, Surface Mounting SMT LED Indicator Components.
Reflow soldering must not be done more than twice. Observe necessary precautions of handling moisture sensitive device
as stated in the following section.
Figure 9: Recommended Soldering Pad Pattern
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.2
0.4
-70
-50
-30
0
20 30
50
70
90
0
2
-
0
9
-
-80
-60
-40
-10
10
40
60
80
2.60
4.50
1.50
SOLDER RESIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17