データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

540010 データシート(PDF) 1 Page - Festo Corporation.

部品番号 540010
部品情報  Vacuum generator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FESTO [Festo Corporation.]
ホームページ  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

540010 データシート(HTML) 1 Page - Festo Corporation.

  540010 Datasheet HTML 1Page - Festo Corporation. 540010 Datasheet HTML 2Page - Festo Corporation. 540010 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Vacuum generator
OVEM-10-H-B-QO-OE-N-2N
Part number: 540010
Data sheet
Feature
Value
KC characters
KC EMC
Nominal width of Laval nozzle
0.95 mm
Width dimension
20 mm
Type code
OVEM
Muffler construction type
Open
Mounting position
Any
Ejector characteristics
High vacuum
Standard
Grade of filtration
40 µm
Manual override
Non-detenting
Additionally via operating buttons
Integrated function
Ejector pulse valve, electric
Flow control
Shut off valve, electric
Compressed air filter
Air saving function, electrical
Non-return valve
Pneumatic muffler open
Vacuum switch
Design
Modular
Short-circuit protection
yes
Measured variable
Relative pressure
Measuring principle
Piezoresistive
Switching element function
N/C contact
N/O contact
Switching function
Window comparator
Threshold value comparator
Symbol
00992102
Valve function
Open
Reverse polarity protection
for all electrical connections
Switching input to standard
IEC 61131-2
Display type
4-character alphanumeric
Back-lit LCD
Display range
-0.999 bar ... 0 bar
Displayable unit(s)
bar
Setting range threshold value
-0.999 bar ... 0 bar
Setting range hysteresis
-0.9 bar ... 0 bar
Setting options
Via display and pushbuttons
Switching position indication
LCD
3/7/21 - Subject to change - Festo AG & Co. KG
1/3


同様の部品番号 - 540010

メーカー部品番号データシート部品情報
logo
Pilz GmbH & Co. KG
540010 PILZ-540010 Datasheet
59Kb / 1P
Safety bolt PSENbolt
logo
Multicomp Pro
540010-556301-556501 MULTICOMP-540010-556301-556501 Datasheet
271Kb / 2P
Control Thermostat Adjustable
06/09/22
More results

同様の説明 - 540010

メーカー部品番号データシート部品情報
logo
Festo Corporation.
VN-10-H-T3-PI4-VI4-RI4 FESTO-VN-10-H-T3-PI4-VI4-RI4 Datasheet
81Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VA5-RQ3 FESTO-VN-10-L-T4-PQ2-VA5-RQ3 Datasheet
85Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VQ2-O2-P FESTO-VN-10-L-T4-PQ2-VQ2-O2-P Datasheet
94Kb / 2P
Vacuum generator
VN-10-L-T4-PQ2-VQ3-RQ3 FESTO-VN-10-L-T4-PQ2-VQ3-RQ3 Datasheet
88Kb / 1P
Vacuum generator
VN-14-H-T4-PI4-VI5-RI5 FESTO-VN-14-H-T4-PI4-VI5-RI5 Datasheet
80Kb / 1P
Vacuum generator
VN-14-H-T4-PQ2-VQ3-RQ3 FESTO-VN-14-H-T4-PQ2-VQ3-RQ3 Datasheet
89Kb / 1P
Vacuum generator
VN-14-L-T4-PQ2-VQ3-RQ3 FESTO-VN-14-L-T4-PQ2-VQ3-RQ3 Datasheet
86Kb / 1P
Vacuum generator
VN-14-L-T4-PQ3-VQ3-RO2-A FESTO-VN-14-L-T4-PQ3-VQ3-RO2-A Datasheet
94Kb / 2P
Vacuum generator
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
VADMI-140-N FESTO-VADMI-140-N Datasheet
97Kb / 2P
Vacuum generator
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com