| データシートサーチシステム |
|
HLMP-EL27-RU000 データシート(PDF) 13 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
HLMP-EL27-RU000 データシート(HTML) 13 Page - Broadcom Corporation. |
|
13 / 13 page ![]() For product information and a complete list of distributors, please go to our website: www.avagotech.com Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries. Data subject to change. Copyright © 2005-2014 Avago Technologies. All rights reserved. Obsoletes AVO1-0701EN AV02-342EN - July 18, 2014 DISCLAIMER: AVAGO’S PRODUCTS AND SOFTWARE ARE NOT SPECIFICALLY DESIGNED, MANUFACTURED OR AUTHORIZED FOR SALE AS PARTS, COMPONENTS OR ASSEMBLIES FOR THE PLANNING, CONSTRUCTION, MAINTENANCE OR DIRECT OPERATION OF A NUCLE- AR FACILITY OR FOR USE IN MEDICAL DEVICES OR APPLICATIONS. CUSTOMER IS SOLELY RESPONSIBLE, AND WAIVES ALL RIGHTS TO MAKE CLAIMS AGAINST AVAGO OR ITS SUPPLIERS, FOR ALL LOSS, DAMAGE, EXPENSE OR LIABILITY IN CONNECTION WITH SUCH USE. (1P) Item: Part Number (1T) Lot: Lot Number LPN: (9D)MFG Date: Manufacturing Date (P) Customer Item: (V) Vendor ID: DeptID: Made In: Country of Origin (Q) QTY: Quantity CAT: Intensity Bin BIN: Refer to below information (9D) Date Code: Date Code STANDARD LABEL LS0002 RoHS Compliant e3 max temp 250C (1P) PART #: Part Number (1T) LOT #: Lot Number (9D)MFG DATE: Manufacturing Date C/O: Country of Origin Customer P/N: Supplier Code: QUANTITY: Packing Quantity CAT: Intensity Bin BIN: Refer to below information DATECODE: Date Code RoHS Compliant e3 max temp 250C Lamps Baby Label (ii) Avago Baby Label (Only available on bulk packaging) Acronyms and Definition: BIN: (i) Color bin only or VF bin only (Applicable for part number with color bins but without VF bin OR part number with VF bins and no color bin) OR (ii) Color bin incorporated with VF Bin (Applicable for part number that have both color bin and VF bin) Example: (i) Color bin only or VF bin only BIN: 2 (represent color bin 2 only) BIN: VB (represent VF bin “VB” only) (ii) Color bin incorporate with VF Bin BIN: 2VB VB: VF bin “VB” 2: Color bin 2 only |