| データシートサーチシステム |
|
FMB01 データシート(PDF) 4 Page - Carlo Gavazzi Holding AG |
|
|
|||||||||||||||||||||||||||||
FMB01 データシート(HTML) 4 Page - Carlo Gavazzi Holding AG |
|
4 / 4 page ![]() 4 Specifications are subject to change without notice (21.03.08) FMB01 Wiring Diagrams Dimensions Function In - Interval Reset and Gate inputs working mode If Reset contact is closed the relay is released and timing is reset. Nothing else happens until Reset is released. If Gate contact is closed the timing operation is freezed. When it is released, if timing was in progress, it goes on from the point reached at the moment of closing the Gate. Function Dr - Delay ON Release Reset and Gate inputs working mode If Reset contact is closed the relay is released and timing is reset. Nothing else happens until Reset is released. If Gate contact is closed the timing operation is freezed. When it is released, if timing was in progress, it goes on from the point reached at the moment of closing the Gate. T Powersupply LED“POWER” Triggerinput T RelaysON T Powersupply LED“POWER” Triggerinput T T RelaysON Operating Diagrams (cont.) Function Io - Interval on trigger open Reset and Gate inputs working mode If Reset contact is closed the relay is released and timing is reset. Nothing else happens until Reset is released. If Gate contact is closed the timing operation is freezed. When it is released, if timing was in progress, it goes on from the point reached at the moment of closing the Gate. |