データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM4607 データシート(PDF) 26 Page - Analog Devices

部品番号 LTM4607
部品情報  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

LTM4607 データシート(HTML) 26 Page - Analog Devices

Back Button LTM4607 Datasheet HTML 20Page - Analog Devices LTM4607 Datasheet HTML 21Page - Analog Devices LTM4607 Datasheet HTML 22Page - Analog Devices LTM4607 Datasheet HTML 23Page - Analog Devices LTM4607 Datasheet HTML 24Page - Analog Devices LTM4607 Datasheet HTML 25Page - Analog Devices LTM4607 Datasheet HTML 26Page - Analog Devices LTM4607 Datasheet HTML 27Page - Analog Devices LTM4607 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
LTM4656/LTM4656-1
26
Rev. 0
For more information www.analog.com
PIN CONFIGURATION TABLE
LTM4656Y Component BGA Pinout
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION PIN ID
FUNCTION
A1
BVIN
B1
BVIN
C1
BVIN
D1
BVIN
E1
GND
F1
SHDN
A2
BVIN
B2
BVIN
C2
BVIN
D2
BVIN
E2
GND
F2
GND
A3
BVIN
B3
BVIN
C3
BVIN
D3
BVIN
E3
NC
F3
GND
A4
BVIN
B4
BVIN
C4
BVIN
D4
GND
E4
GND
F4
GND
A5
GND
B5
GND
C5
GND
D5
GND
E5
GND
F5
GND
A6
GND
B6
GND
C6
GND
D6
GND
E6
GND
F6
COMP
A7
SENSE1
B7
SENSE1
C7
SENSE1
D7
GND
E7
GND
F7
SS
A8
SENSE1
B8
SENSE1
C8
SENSE1
D8
GND
E8
VFB
F8
PGOOD
A9
VIN
B9
VIN
C9
VIN
D9
GND
E9
GND
F9
VBIAS
A10
VIN
B10
VIN
C10
VIN
D10
VIN
E10
GND
F10
GND
A11
VIN
B11
VIN
C11
VIN
D11
VIN
E11
GND
F11
GND
A12
VIN
B12
VIN
C12
VIN
D12
VIN
E12
GND
F12
GND
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION PIN ID
FUNCTION
G1
GND
H1
GND
J1
VOUT
K1
VOUT
L1
VOUT
M1
VOUT
G2
GND
H2
UV
J2
VOUT
K2
VOUT
L2
VOUT
M2
VOUT
G3
GND
H3
FLT
J3
VOUT
K3
VOUT
L3
VOUT
M3
VOUT
G4
TMR
H4
TEMP+
J4
VOUT
K4
VOUT
L4
VOUT
M4
VOUT
G5
GND
H5
TEMP–
J5
VOUT
K5
VOUT
L5
VOUT
M5
VOUT
G6
MODE_PLLIN
H6
FREQ
J6
VOUT
K6
VOUT
L6
VOUT
M6
VOUT
G7
GND
H7
RUN
J7
GND
K7
GND
L7
GND
M7
GND
G8
GND
H8
GND
J8
GND
K8
GND
L8
GND
M8
GND
G9
INTVCC
H9
GND
J9
GND
K9
GND
L9
GND
M9
GND
G10
GND
H10
GND
J10
GND
K10
GND
L10
GND
M10
GND
G11
GND
H11
GND
J11
GND
K11
GND
L11
GND
M11
GND
G12
GND
H12
GND
J12
SW
K12
SW
L12
GND
M12
GND
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28