| データシートサーチシステム |
|
W2PA-14Z-R2/N データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
W2PA-14Z-R2/N データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: W2PA W2PA SPECIFICATIONS ES-5538 Rev.13 Page 3/3 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 4 8 7 10 21.5 (.87) 84 (3.31) 10 (.39) 22 (.87) DIN RAIL 35mm wide [4 (.16)] 11–M3 SCREW 29.5 (1.16) 2–4.2x5 (.17x.20) MTG HOLE 6 (.24) deep 114 (4.49) 11 5 6 1 2 3 9 6 (.23) • When mounting, no extra space is needed between units. SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM V U v u FUSE VT LOAD SOURCE Base Socket 1 2 5 4 9 U(+) V(–) POWER 10 11 Note: The section enclosed by broken line is only with 2nd output option. + – OUTPUT 1 + – Isolation S Z Output Driver S Z Output Driver OUTPUT 2 7 8 3 6 Ave. Operation INPUT TRANSFORMER Specifications are subject to change without notice. |