| データシートサーチシステム |
|
ICS9DB306BLLF データシート(PDF) 3 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9DB306BLLF データシート(HTML) 3 Page - Integrated Circuit Systems |
|
3 / 16 page ![]() 9DB306BL www.icst.com/products/hiperclocks.html REV. A APRIL 7, 2005 3 Integrated Circuit Systems, Inc. ICS9DB306 PCI EXPRESS, JITTER ATTENUATOR TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, V CC = 3.3V±5%, T A = 0°C TO 70°C l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U I H I t n e r r u C h g i H t u p n IK L C n , K L CV C C V = N I V 5 6 4 . 3 =0 5 1A µ I L I t n e r r u C w o L t u p n IK L C n , K L CV C C V , V 5 6 4 . 3 = N I V 0 =0 5 1A µ V P P e g a t l o V t u p n I k a e P - o t - k a e P 5 1 . 03 . 1V V R M C 2 , 1 E T O N ; e g a t l o V t u p n I e d o M n o m m o CV E E 5 . 0 +V C C 5 8 . 0 -V V s a d e n i f e d s i e g a t l o v e d o m n o m m o C : 1 E T O N H I . V s i K L C n , K L C r o f e g a t l o v t u p n i m u m i x a m e h t , s n o i t a c il p p a d e d n e e l g n i s r o F : 2 E T O N C C . V 3 . 0 + TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V CC = 3.3V±5%, T A = 0°C TO 70°C TABLE 4B. LVCMOS / LVTTL DC CHARACTERISTICS, V CC = 3.3V±5%, T A = 0°C TO 70°C l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U V C C e g a t l o V y l p p u S e r o C 5 3 1 . 33 . 35 6 4 . 3V V A C C e g a t l o V y l p p u S g o l a n A 5 3 1 . 33 . 35 6 4 . 3V I C C t n e r r u C y l p p u S r e w o P 5 3 1A m I A C C t n e r r u C y l p p u S g o l a n A 5 2A m l o b m y Sr e t e m a r a Ps n o i t i d n o C t s e Tm u m i n i Ml a c i p y Tm u m i x a Ms t i n U V H I e g a t l o V h g i H t u p n I 2V C C 3 . 0 +V m V L I e g a t l o V w o L t u p n I 3 . 0 -8 . 0V m I H I t n e r r u C h g i H t u p n I , 1 S F , 1 E O n , 0 E O n S S A P Y B V C C V = N I V 5 6 4 . 3 =0 5 1A µ W B _ L L P , 0 S F 5A µ I L I t n e r r u C w o L t u p n I , 1 S F , 1 E O n , 0 E O n S S A P Y B V C C V , V 5 6 4 . 3 = N I V 0 =5 -A µ W B _ L L P , 0 S F0 5 1 -A µ ABSOLUTE MAXIMUM RATINGS Supply Voltage, V CC 4.6V Inputs, V I -0.5V to V CC + 0.5V Outputs, I O Continuous Current 50mA Surge Current 100mA Package Thermal Impedance, θ JA 49.8°C/W (0 lfpm) Storage Temperature, T STG -65°C to 150°C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.These ratings are stress specifications only. Functional operation of product at these conditions or any conditions be- yond those listed in the DC Characteristics or AC Character- istics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability. |