データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ILUS2 データシート(PDF) 1 Page - Carlo Gavazzi Holding AG

部品番号 ILUS2
部品情報  Proximity Magnetic sensors Level Magnetic Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
ホームページ  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ILUS2 データシート(HTML) 1 Page - Carlo Gavazzi Holding AG

  ILUS2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG ILUS2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (14.05.14)
1
Operating temperature
ILMPU5, ILMU5
-20 to +80 °C
ILU2, ILU8, ILUS2
-25 to +100 °C
Degree of protection
IP 68 (cable output IP67)
Float
Diameter
ILMPU5
Ø 17.5 mm
ILMU5
Ø 31 mm
ILU2, ILU8, ILUS2
Ø 45 mm
Material
non toxic polypropylene
Min liquid specific gravity
ILMPU5, ILMU5
0.70 kg/dm3
ILU2, ILU8, ILUS2
0.75 kg/dm3
Max pressure
ILMPU5, ILMU5
2 kg/cm2
ILU2, ILU8, ILUS2
100 kg/cm2
CE-marking
Yes
General Specifications
Type Selection
Proximity Magnetic sensors
Level Magnetic Sensors
ILMPU, ILU and ILMU Series
• Cylindrical, non toxic polypropylene
housing
• NO, NC or CO output functions
• Reversible output function by sensor housing over
turning
• XLPE, PVC or silicone cable output connection
• Horizontal mounting
Ordering Key
ILU S2
These models, for horizontal
mounting, are made in non-
toxic polypropylene.
The
ILMPU
model,
the
smallest one, can be used
both as a NO and NC func-
tion depending on mounting
direction
Product Description
Type
Reed contact type
Output
ILMPU5, ILMU5
NO, NC
ILU2, ILU8
NO
ILUS2
Change-over
Contact ratings
Max Switching Voltage
ILU2
250 VAC
ILMPU5, ILMU5
240 VAC, 200 VDC
ILU8
1000 VAC
ILUS2
230 VAC
Max Switching Current
ILU2
3 A
ILMPU5, ILMU5
0.5 A
ILU8
3 A
ILUS2
1 A
Max Switching Power
ILU2
100 VA
ILMPU5, ILMU5
50 VA
ILU8
120 VA
ILUS2
60 VA
Output Specifications
Float diameter
Connection
Output function
Reference
Ø 17.5 mm
XLPE cable L= 0.3 m
NO, NC*
ILMPU 5
Ø 31 mm
PVC cable L= 0.3 m
NO, NC*
ILMU 5
Ø 45 mm
Silicone cable L= 0.5 m
NO
ILU 2
Ø 45 mm
Silicone cable L= 0.5 m
NO
ILU 8
Ø 45 mm
Silicone cable L= 0.5 m
CO
ILU S 2
*Reversible output function by sensor housing overturning


同様の説明 - ILUS2

メーカー部品番号データシート部品情報
logo
SICK AG
MM12-45APS-ZCKS01 SICK-MM12-45APS-ZCKS01 Datasheet
2Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60ANS-ZUK SICK-MM12-60ANS-ZUK Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60APO-ZUK SICK-MM12-60APO-ZUK Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60APS-ZCK SICK-MM12-60APS-ZCK Datasheet
2Mb / 7P
MAGNETIC PROXIMITY SENSORS
MM18-70A-N-ZW0 SICK-MM18-70A-N-ZW0 Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM18-70APO-ZCK SICK-MM18-70APO-ZCK Datasheet
2Mb / 7P
MAGNETIC PROXIMITY SENSORS
MQ10-60ANS-KU0 SICK-MQ10-60ANS-KU0 Datasheet
845Kb / 6P
MAGNETIC PROXIMITY SENSORS
logo
Carlo Gavazzi Holding A...
ILSP8 CARLOGAVAZZI-ILSP8 Datasheet
45Kb / 2P
Proximity Magnetic Sensors Level Magnetic Sensors ILSP Series
ILMS2 CARLOGAVAZZI-ILMS2 Datasheet
44Kb / 2P
Proximity Magnetic Sensors Level Magnetic Sensors ILM Series
ILMP5P CARLOGAVAZZI-ILMP5P Datasheet
55Kb / 2P
Proximity Magnetic Sensors Level Magnetic Sensors ILMP Series
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com