データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OCP0502A データシート(PDF) 9 Page - Shanghai Leiditech Electronic Technology Co., Ltd

部品番号 OCP0502A
部品情報  2A Power Distribution Switch with ADJustable Current Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
ホームページ  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

OCP0502A データシート(HTML) 9 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button OCP0502A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 13Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Functional Description
The OCP0502A is a P channel MOSFET power distribution switch, which has adjustable current limit by the
ISET pin. In addition, the switch also features fast short-circuit response, under voltage lockout, over
temperature protection and reverse current protection.
Current Limit Threshold Setting
The OCP0502A provides adjustable current limit threshold which implemented by an external resistor from
ISET to ground, see figure 9. The current limit function can prevent the switch from over current condition. The
current limit value can be calculated using the follow equation:
Ilimit(A)=6800/RISET
The minimum current limit is 400mA,beyond 2A is forbidden.
Fast Short Circuit Protection
The OCP0502A provides short circuit protection function which can limit the output current to a safe level
without damaging the switch.
Under Voltage Lockout (UVLO)
The OCP0502A has under voltage lockout function which can disable the switch until the input voltage reaches
the UVLO threshold (typical 2.3V). The UVLO threshold has a 80mV hysteresis voltage which can prevent the
unwanted on/off cycling when there is noise on the input voltage.
Over Temperature Protection (OTP)
When the junction temperature exceeds 145℃, the internal OTP circuit turn off the power switch. There is a
temperature hysteresis 20 ℃,in other words, the OTP circuit can turn on the switch only if the junction
temperature is below 125℃.
Reverse Current Protection (RCP)
The OCP0502A includes the Reverse Current Protection(RCP) function, which can prevent the current to
flowing through the P-FET or the body diode when VOUT greater than VIN. Whatever the switch is on or off, the
OCP0502A always has this function. When VOUT-VIN greater than VREV, the internal comparator quickly turns
off the switch, in order to prevent large reverse current from VOUT to VIN. The switch will return to normal
operation once the reverse voltage scenario disappeared.
The IREV_ACT parameter in the figure 17 can be calculated by the following formula:
IREV_ACT =
VREV
Rdson
VREV
VOUT
VIN
IREV_ACT
IREV_PRO
IREVERSE_CURRENT
Figure 17
PCB layout example
OCP0502A
Rev 2.0 :
www.leiditech.com
12.01.2019
9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com