| データシートサーチシステム |
|
VSC205 データシート(PDF) 2 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC205 データシート(HTML) 2 Page - Vitesse Semiconductor Corporation |
|
2 / 2 page ![]() monitoring and management applications such as Vitesse VSC055/050 Backplane Controllers. The VSC205 requires off chip memory for firmware code storage. Most applications will use flash memory devices for non-volatile storage. Static RAM may be added for higher performance applications. The VSC205 has three external chip selects each with a one-megabyte address range. Two RS-232 serial ports provide assist firmware debug. One port is dedicated to in circuit emulation for the embedded processor. The second port implements a XMODEM connection for additional debug and firmware download. Firmware downloads are also supported via the SCSI bus. Software The software designed to execute on the VSC205 determines the characteristics of the overall enclosure management solution. Most enclosure management applications will be unique to a customer's individual product. The VSC205 firmware architecture uses a Personality Module with captures the unique functionality required by a particular application. Vitesse provides a Software Development Kit (SDK) to customers to assist their development of their Personality Module. The SDK includes software to implement an ESI and a parallel SCSI transport for SAF-TE or SES diagnostic environments. In addition, the SDK also includes a System Services module with provides APIs to the peripheral functionality (interrupts, timers etc.) in the VSC205. The VSC205 shares a similar hardware and firmware architecture as Vitesse SSC200 and SSC100. This allows system designers to leverage enclosure management strategies and implementations across parallel SCSI, ESI and dedicated port FC-AL storage solutions. For More Information: www.vitesse.com email: prodinfo@vitesse.com TEL: 1-800-VITESSE FAX: 805/987-5896 Vitesse Semiconductor Corporation reserves the right to make changes in its products, specifications or other information at any time without prior notice. Therefore the reader is cautioned to confirm that this datasheet is current prior to placing any orders. The company assumes no responsibility for any circuitry described other than circuitry entirely embodied in a Vitesse product. (Version 1.0) © 2000 Vitesse Semiconductor Corporation, All Rights Reserved. Transport Diagnostic Interface Personality Module System Services SDK Firmware Block Diagram GPIO (x3) I2C Serial I/F (x3) UART Serial ICE External Memory I/F Timer INT Cont. Wide SCSI Controller 2048 Byte Data Buffer 32 Byte Command Buffer R3000 CPU Bus I/F Unit 8KB SRAM LVD SCSI Interface 8KB SRAM VSC205 Block Diagram |