| データシートサーチシステム |
|
SC28103 データシート(PDF) 4 Page - VITALCONN ELECTRONICS HK LTD. |
|
|
|||||||||||||||||||||||||||||
SC28103 データシート(HTML) 4 Page - VITALCONN ELECTRONICS HK LTD. |
|
4 / 4 page ![]() 7.125 14.25 TYP TYP 114 .00 EDGE OF BOARD RECOMMENDED PCB LAYOUT-COMPONENT SI DE RECOMMENDED PCB THICKNESS-2.63mm TAIL D SEE DE TAIL C SEE DE 3.50 3.50 TYP TYP 5 DETAIL D SCALE 2.5:1 L2 L5 L8 L20 L19 L18 L17 L16 L15 L14 L13 L12 L11 L1 L3 L4 L6 L7 L9 L10 T10 T9 T8 T7 T6 T5 T4 T3 T2 T1 IL C DETA 80 9. C B 10 0. LE O H H S I N I F 05 . 0 ± 56 . 0 X 9 2 1 SCALE 2. B C T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 PIN MAP 50 0. :1 INNER LIGHT PIPE 16 X 1.60± 0.03 DRILL HOLE 0.05 B C TYP GHT PIPE OUTER LI NTERED LED CE X3.0 LONG 2.0 WIDE -IN ZONE LED KEEP C B 05 0. LE O H H S I N I F 05 . 0 ± 37 . 0 X 0 2 3 YP T -OUT AREAS 3.95 3.95 TRACE KEEP TYP TYP 1. 30 0.80 7.20 RoHS Compliant |