データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M1EXV-2-M2/C01 データシート(PDF) 4 Page - M-System Co.,Ltd.

部品番号 M1EXV-2-M2/C01
部品情報  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MSYSTEM [M-System Co.,Ltd.]
ホームページ  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXV-2-M2/C01 データシート(HTML) 4 Page - M-System Co.,Ltd.

  M1EXV-2-M2/C01 Datasheet HTML 1Page - M-System Co.,Ltd. M1EXV-2-M2/C01 Datasheet HTML 2Page - M-System Co.,Ltd. M1EXV-2-M2/C01 Datasheet HTML 3Page - M-System Co.,Ltd. M1EXV-2-M2/C01 Datasheet HTML 4Page - M-System Co.,Ltd. M1EXV-2-M2/C01 Datasheet HTML 5Page - M-System Co.,Ltd. M1EXV-2-M2/C01 Datasheet HTML 6Page - M-System Co.,Ltd. M1EXV-2-M2/C01 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: M1EXV-2
M1EXV-2 SPECIFICATIONS
ES-5982 Rev.4 Page 4/7
https://www.m-system.co.jp/
EXTERNAL VIEW
Mode Button
Set Button
Display
Configurator Jack
Up Button
Down Button
COMPONENT
FUNCTION
Display
Indicates present values, setting values and abnormal information.
Two types of present values are displayed respectively at the upper and lower parts according to setting.
Mode button
Shifts from Measuring mode to each setting mode.
The destination changes depending on how long the button is held down.
Pressing Mode button for ≥ 2 seconds returns to Measuring mode from each setting mode..
Set button
Shifts the setting value of each setting parameter item to a setting changeable state.
When at setting changeable state, used to move through the digits of setting value and to enter (save) the
setting value.
Up button
Shifts through setting parameter items and to increase or select the setting value.
Down button
Shifts through setting parameter items and to decrease or select the setting value.
Con gurator Jack
Used to perform con guration with M1E con gurator software (model: M1ECFG).
When using the software, set the Lockout setting of the unit to ‘Lock’.
Refer to the operating manual (EM-5982-B) for detailed procedures.
TERMINAL ASSIGNMENTS
5
10
1
6
7
2
3
4
8
9
15
20
11
16
17
12
13
14
18
19
No.
FUNCTION
No.
FUNCTION
1
Unused
11
Ch1 Output +
2
Unused
12
Ch1 Output –
3
Ch1 Input voltage +
13
Unused
4
Ch1 Input current +
14
Ch2 Output +
5
Ch1 Input –
15
Ch2 Output –
6
Unused
16
Unused
7
Unused
17
Unused
8
Ch2 Input voltage +
18
Unused
9
Ch2 Input current +
19
Power U (+)
10
Ch2 Input –
20
Power V (–)
* Base does not come with the unit. Please order separately.



Html Pages

1 2 3 4 5 6 7