データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DS9093F-R データシート(PDF) 2 Page - Dallas Semiconductor

部品番号 DS9093F-R
部品情報  iButton Key Ring Mounts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DALLAS [Dallas Semiconductor]
ホームページ  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9093F-R データシート(HTML) 2 Page - Dallas Semiconductor

  DS9093F-R Datasheet HTML 1Page - Dallas Semiconductor DS9093F-R Datasheet HTML 2Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS9093A/F/N
2 of 2
DESCRIPTION
The DS9093F plastic snap-in fob offers the simplest way to mount an iButton for applications that require
only momentary contact. The fob can be attached to a key ring for carrying. Do not apply solvents or
adhesives to this fob. This might affect the mechanical strength and reliability.
The DS9093N angled fob is an alternate way to mount an iButton for applications that require only
momentary contact. Due to the different mounting technique, the DS9093N can be used with the F5
MicroCan only. The iButton is inserted into this fob by press-fitting. For permanent mount, the iButton
can be locked by a DS9093RA Lock Ring.
The DS9093A is very similar to the DS9093N. It has about the same size as the DS9093N and can be
used with the F5 MicroCan only. The iButton is inserted by press-fitting the flange of the MicroCan into
the cavity of the fob. In contrast to the DS9093N, no additional parts are needed for permanent mounting.
The DS9093A is available in black, blue, green, red, and yellow.



Html Pages

1 2