データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

10DNY-AD0-R データシート(PDF) 3 Page - M-System Co.,Ltd.

部品番号 10DNY-AD0-R
部品情報  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MSYSTEM [M-System Co.,Ltd.]
ホームページ  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10DNY-AD0-R データシート(HTML) 3 Page - M-System Co.,Ltd.

  10DNY-AD0-R Datasheet HTML 1Page - M-System Co.,Ltd. 10DNY-AD0-R Datasheet HTML 2Page - M-System Co.,Ltd. 10DNY-AD0-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: 10DNY
http://www.m-system.co.jp/
10DNY SPECIFICATIONS
ES-0824 Rev.7 Page 3/3
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
Isolation
Output
Driver
OUTPUT 1
7
8
+
–
S
Z
Output
Driver
OUTPUT 2
5
6
*1 output type has the output 1 connected to the card-edge connector in parallel.
Remark 1) The section enclosed by broken line is only for 2nd output channel.
OUTPUT 2*
POWER
Z
S
Sq. Root
Extractor
3
Current
Limiter
+
+
–
–
1
2
2-WIRE
TRANSMITTER
+
–
V
MONITOR
(1 – 5V DC)
250Ω ±0.1%
90Ω
Specifications are subject to change without notice.



Html Pages

1 2 3