| データシートサーチシステム |
|
10AP-H10-R データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
10AP-H10-R データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: 10AP 10AP SPECIFICATIONS ES-0851 Rev.9 Page 3/3 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 130 (5.12) 3 (.12) 51 (2.01) 2–4.3 (.17) dia. MTG HOLE TERMINAL COVER 7–M3.5 SCREW 8 (.31) 25 (.98) 1 2 3 5 6 7 8 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Output Driver OUTPUT 1 7 8 + – Output Driver OUTPUT 2 5 6 * Input shunt resistor incorporated for current input. ** Photo MOSFET relay pulse only. *** For 1 output channel type, OUTPUT 1 is also connected to the card-edge connector inside. Note: The section enclosed by broken line is only for 2nd output channel. OUTPUT 2*** POWER S Z Timer Low Drift Amplifier + – INPUT 1 3 2 Voltage to Frequency Divider * ** ■ Open Collector Output Connection Examples ■ Photo MOSFET Relay Pulse • AC Powered + – 7 8 + – 7 8 LOAD Relay or Counter Coil Varistor or Spark Quenching Circuit • DC Powered 7 8 LOAD Relay or Counter Coil U ■ Voltage Pulse + – 7 8 + – Spark Quenching Diode Specifications are subject to change without notice. |