| データシートサーチシステム |
|
10BX-13/C02 データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
10BX-13/C02 データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 5 page ![]() MODEL: 10BX http://www.m-system.co.jp/ 10BX SPECIFICATIONS ES-0891 Rev.12 Page 4/5 Omron 3G8B2-NA000 / NA001 use •Location CN1: Fujitsu FCN-365P024-AU RACK LOCATION NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 OMRON 3G8B2-NA000 / NA001 •Connector Pin Assignment PIN NO. ASSIGNMENT PIN NO. ASSIGNMENT A 1 ch.1 – 8 (–) B 1 ch.9 – 16 (–) A 2 ch.1 – 8 (–) B 2 ch.9 – 16 (–) A 3 NC B 3 ch.9 – 16 (–) A 4 ch.1 – 8 (–) B 4 ch.9 – 16 (–) A 5 ch. 8 + B 5 ch.16 + A 6 ch. 7 + B 6 ch.15 + A 7 ch. 6 + B 7 ch.14 + A 8 ch. 5 + B 8 ch.13 + A 9 ch. 4 + B 9 ch.12 + A10 ch. 3 + B10 ch.11 + A11 ch. 2 + B11 ch.10 + A12 ch. 1 + B12 ch. 9 + Nippon Shokubai DCS connector •Location CN1: HIF3F-34PA-2.54DS RACK LOCATION NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 NIPPON SHOKUBAI DCS LOCATION NO. •Connector Pin Assignment PIN NO. ASSIGNMENT PIN NO. ASSIGNMENT 1 No Connection 19 ch. 8 – 2 No Connection 20 ch. 8 + 3 ch.16 – 21 ch. 7 – 4 ch.16 + 22 ch. 7 + 5 ch.15 – 23 ch. 6 – 6 ch.15 + 24 ch. 6 + 7 ch.14 – 25 ch. 5 – 8 ch.14 + 26 ch. 5 + 9 ch.13 – 27 ch. 4 – 10 ch.13 + 28 ch. 4 + 11 ch.12 – 29 ch. 3 – 12 ch.12 + 30 ch. 3 + 13 ch.11 – 31 ch. 2 – 14 ch.11 + 32 ch. 2 + 15 ch.10 – 33 ch. 1 – 16 ch.10 + 34 ch. 1 + 17 ch. 9 – 18 ch. 9 + Azbil J-HAM50 / J-HMM00 module use I/O cable: J-RSL / J-RSK J-RRL / J-RRK •Location Input connector: 57GE-40500-751 CN1: J-HAM50 / J-HMM00 module use RACK LOCATION NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 AZBIL DCS AI CONNECTOR Azbil J-AOM10 module use I/O cable: J-RSL / J-RSK J-RRL / J-RRK •Location Output connector: 57GE-40500-751 CN1: J-AOM10 module use RACK LOCATION NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 AZBIL DCS AO CONNECTOR Azbil J-PIM00 module use I/O cable : J-RSL / J-RSK J-RRL / J-RRK •Location Output connector : 57GE-40500-751 CN1 : J-PIM00 module use RACK LOCATION NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 AZBIL DCS PI CONNECTOR The internal power supply is used for excitation of the pulse input module. |