| データシートサーチシステム |
|
AM79C031 データシート(PDF) 47 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C031 データシート(HTML) 47 Page - Advanced Micro Devices |
|
47 / 48 page ![]() SLAC Products 47 PHYSICAL DIMENSIONS PL032 PL044 REVISION SUMMARY Revision H to Revision I • The physical dimensions (PL032 and PL044) were added to the Physical Dimensions section. • Deleted the Plastic DIP pin and references to it. • Updated the Pin Description table to correct inconsistencies. Also, deleted the last sentence in the MCLK and PCLK rows. • Minor changes were made to the data style and format to conform to AMD standards. • In Note #2 on page 18, the first sentence was modified and the second sentence was deleted. .050 REF. .026 .032 TOP VIEW Pin 1 I.D. .485 .495 .447 .453 .585 .595 .547 .553 16-038FPO-5 PL 032 DA79 6-28-94 ae SIDE VIEW SEATING PLANE .125 .140 .009 .015 .080 .095 .042 .056 .013 .021 .400 REF. .490 .530 TOP VIEW SEATING PLANE .685 .695 .650 .656 Pin 1 I.D. .685 .695 .650 .656 .026 .032 .050 REF .042 .056 .062 .083 .013 .021 .590 .630 .500 REF .009 .015 .165 .180 .090 .120 16-038-SQ PL 044 DA78 6-28-94 ae SIDE VIEW |