| データシートサーチシステム |
|
AM79C03JC データシート(PDF) 31 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C03JC データシート(HTML) 31 Page - Advanced Micro Devices |
|
31 / 48 page ![]() SLAC Products 31 18. Read SLIC Input/Output Direction, Channel Status Bit, and Power Interrupt Bit (55h) Power Interruption PI = 0 There has not been a power interruption since the last software reset command. PI = 1 A power interruption has been previously detected requiring the DSLAC device to be completely reprogrammed. This bit is cleared by issuing a software reset command. Channel Status CSTAT = 0 Channel is inactive (Standby mode). CSTAT = 1 Channel is active. D7 D6 D5 D4 D3 D2 D1 D0 Command 0 1 0 1 0 1 0 1 Output Data PI CSTAT RSVD A B C D E |