| データシートサーチシステム |
|
3TAW データシート(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
3TAW データシート(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG |
|
2 / 4 page ![]() GAPTEC-Electronic GmbH & Co. KG sales@gaptec-electronic.com – www.gaptec-electronic.com Page 2 of 4 3TAW – Rev. 2012-1.0 Specifications subject to change without notice. 3TAW Series 3W - Single Output - Wide Input - Isolated & Regulated DC-DC Converter Part Number Input Voltage [VDC] Nominal Range Max Output Voltage [VDC] Output Current [mA] Input Current(1) [mA] Full load No load Efficiency(2) [%, Typ.] 3TAW_1205S1.5 12 9-18 20 5 600 313 18 80 3TAW_1212S1.5 12 9-18 20 12 250 301 18 83 3TAW_1215S1.5 12 9-18 20 15 200 298 18 84 3TAW_2405S1.5 24 18-36 40 5 600 154 10 81 3TAW_2412S1.5 24 18-36 40 12 250 149 10 84 3TAW_2415S1.5 24 18-36 40 15 200 147 10 85 3TAW_4805S1.5 48 36-75 80 5 600 75 5 83 3TAW_4812S1.5 48 36-75 80 12 250 74 5 85 3TAW_4815S1.5 48 36-75 80 15 200 74 5 85 3TAW_1205D1.5 12 9-18 20 ±5 ±300 313 18 80 3TAW_1212D1.5 12 9-18 20 ±12 ±125 301 30 83 3TAW_1215D1.5 12 9-18 20 ±15 ±100 298 32 84 3TAW_2405D1.5 24 18-36 40 ±5 ±300 154 10 81 3TAW_2412D1.5 24 18-36 40 ±12 ±125 149 15 84 3TAW_2415D1.5 24 18-36 40 ±15 ±100 147 15 85 3TAW_4805D1.5 48 36-75 80 ±5 ±300 75 5 83 3TAW_4812D1.5 48 36-75 80 ±12 ±125 74 5 85 3TAW_4815D1.5 48 36-75 80 ±15 ±100 74 5 85 1. Nominal input voltage 2. Nominal input voltage, full load For B or C Pinning: 3TBW_xx03S1.5/3TBW_xx03D1.5 or 3TCW_xx03S1.5/3TCW_xx03D1.5 SMD package SMD package „A“ SMD package „B“ SMD package „C“ SMD package |