| データシートサーチシステム |
|
MB14101FBN データシート(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
MB14101FBN データシート(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
|
1 / 6 page ![]() 118 CG01-J APPLICATION SPECIFIC CAPACITORS HIGH FREQUENCY CERAMIC CAPACITORS MA/MB Series OUTSTANDING CHARACTERISTICS I Miniature size I Very high Q at high frequencies I High RF power capabilities I Impervious to environmental conditions I Low dissipation factors I Excellent retrace capability (not applicable for X7R styles) I High temperature stability I Low noise I Meets Mil-55681 with respect to: Shock, Vibration, Moisture Resistance, Solderability, Barometric Pressure, Temperature Cycling, Immersion and Salt Spray ADDITIONAL FEATURES I Packaging options I Lot processing data available MA SERIES For filtering, coupling and impedance matching in most RF circuits, the MA Series chips and leaded devices offer outstanding performance and reliability with the greatest range of values and configurations. MA Series capacitors can be supplied with military equivalent screening. Please consult our factory. MA Series ceramic fixed capacitors are miniature, high performance precision components having extremely high Q and high power capabilities from low frequencies to gigahertz ranges. These “low loss” multilayer capacitors are extremely stable with respect to variations in temperature, voltage and frequency. MA Series capacitors are designed for miniature state-of-the-art circuit applications. They are small, easy to apply and have excellent reliability. Units are available in ultra-miniature case size 1 (1.4 x 1.4 x 1.4mm) or miniature case size 2 (2.8 x 2.8 x 2.5mm). Standard case size 1 units are available as chips. Standard case size 2 units are available as chips and also in leaded configurations. Clean-room manufacturing technology assures product reliability and automated processing reduces costs and cycle time. Key stages of the operation are monitored and controlled with the latest SPC techniques. Flexibility in design allows the production of non-standard values, while maintaining consistent quality objectives. Please contact the factory for availability of special configurations or high-reliability screening. M A 1 8 101 J A N CUBIC A-STD SERIES DIMENSIONAL TERMINATION CAPACITANCE TOLERANCES: A: NO 7” Reel MONOLITHIC B-ULTRA AND T.C. CODE CODE: CODE: Expressed *B: ±0.1pF MARKING Plastic HIGH Q 1: P90 Case 1 0: Chip in picofarads and *C : ±0.25pF B: MARKING Tape 5: COG Case 1 1: Pellet identified by a three-digit *D: ±0.5pF Cap. Code 7: X7R Case 1 2: Microstrip number. First two digits F : ±1% & Tol. 2: P90 Case 2 3: Radial Ribbon represent significant G: ±2% Logo if space 6: COG Case 2 4: Radial Wire figures. Last digit J : ±5% permits 8: X7R Case 2 5: Axial Ribbon specifies the number K : ±10% Non XR7 6: Narrow Axial Ribbon of zeros to follow. For M: ±20% styles only 7: Axial Wire values below 10pF, Z: +80%, –20% 8: Nickel Interfaced Pellet the letter “R” is used 9: Nickel Interfaced Chip as the decimal point *Available and the last digit below 10pf becomes significant. only PART NUMBERING SYSTEM – CASE SIZE 1 & CASE SIZE 2 Type Dimensions: mm Style P90±20 P90±30 COG X7R Configuration L ± 0.38* W ± 0.38* T ± .038 Band Termination Y Silver Ribbon: Raised MA22-6 MB22-6 MA62-6 MA82-6 Length: 6.35 typical Micro-Strip 3.4 2.8 2.8 0.38 ± .25 Width: 2.3 ± .13 Thickness: 0.1 ± .05 SPECIAL LEAD CONFIGURATION FOR FLEX BOARDS NOTE: Targeted for flex circuit boards, the MA22-6 version of the MA22 has an upraised lead configuration. The lead bends when flexing the board after assembly so that minimal stress is placed on the component. T W L Y NE W |
同様の部品番号 - MB14101FBN |
|
同様の説明 - MB14101FBN |