データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SF61 データシート(PDF) 1 Page - First Silicon Co., Ltd

部品番号 SF61
部品情報  GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FS [First Silicon Co., Ltd]
ホームページ  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SF61 データシート(HTML) 1 Page - First Silicon Co., Ltd

  SF61 Datasheet HTML 1Page - First Silicon Co., Ltd SF61 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICO NDUCTOR
TECHNICAL DATA
SF61 ~ SF69
2013.04.29
1/2
Revision No 0
GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
Reverse Voltage 50 to 800 Volts Forward Current 6.0 Amperes
Features
Glass passivated junction dice
Low forward voltage drop
High current capability
Low reverse leakage
High surge current capability
High reliablity
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Mechanical Data
Case: DO-201AD(DO-27) molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.014 ounce, 0.39 grams (approximate)
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
PARAMETER
SYMBOL SF61 SF62 SF63 SF64
SF65
SF66
SF68
SF69
UNITS
Maximum repetitive peak reverse voltage
V RRM
50
100
150
200
300
400
600
800
V
Maximum RMS voltage
V RMS
35
70
105
140
210
280
420
560
V
Maximum DC blocking voltage
V DC
50
100
150
200
300
400
600
800
V
Average Rectified Output Current
0.375″ (9.5mm) lead length
I o
0
.
6
A
Peak forward surge current, 8.3 mS single
half sine-wave superimposed on rated load
I FSM
0
8
1
A
Maximum instantaneous forward voltage at I
o
V F
0.95
1.3
1.7
2.2
V
Maximum DC reverse current
@ TJ = 25℃
at rated DC blocking voltage
@ TJ =100℃
I R
5
100
μA
Maximum reverse recovery time (Note 1)
rr
5
3
nS
Typical junction capacitance (Note 2)
j
0
0
1
pF
Operating junction temperature range
T
J
0
5
1
+
o
t
5
5
-
T
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
STG
0
5
1
+
o
t
5
5
-
Notes:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A.
2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
t
T


同様の部品番号 - SF61

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
SF61 WTE-SF61 Datasheet
50Kb / 3P
6.0A SUPER-FAST RECTIFIER
logo
Jinan Gude Electronic D...
SF61 JGD-SF61 Datasheet
165Kb / 2P
6.0 AMPS. SUPER FAST RECTIFIERS
logo
Bytes
SF61 BYTES-SF61 Datasheet
160Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Diodes Incorporated
SF61 DIODES-SF61 Datasheet
59Kb / 2P
6.0A SUPER-FAST RECOVERY RECTIFIER
DS24004 Rev. D-3
logo
Formosa MS
SF61 FORMOSA-SF61 Datasheet
36Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
More results

同様の説明 - SF61

メーカー部品番号データシート部品情報
logo
Comchip Technology
SF8A01F-G COMCHIP-SF8A01F-G Datasheet
48Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF10C01CF-G COMCHIP-SF10C01CF-G Datasheet
48Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF16C01CF-G COMCHIP-SF16C01CF-G Datasheet
48Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
EF6A02 YENYO-EF6A02 Datasheet
772Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
logo
Unisonic Technologies
SF26G UTC-SF26G Datasheet
156Kb / 4P
GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
SF6A01 YENYO-SF6A01 Datasheet
807Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF10A01F YENYO-SF10A01F Datasheet
837Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF10C01C YENYO-SF10C01C Datasheet
678Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF16D01C YENYO-SF16D01C Datasheet
829Kb / 2P
Glass Passivated Super Fast Recovery Rectifier
SF501G YENYO-SF501G Datasheet
1Mb / 2P
Glass Passivated Super Fast Recovery Rectifier
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com