| データシートサーチシステム |
|
ABM2-R6RA1-M2 データシート(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
ABM2-R6RA1-M2 データシート(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 7 page ![]() MODEL: ABM2 ABM2 SPECIFICATIONS ES-2622 Rev.5 Page 6/7 https://www.m-system.co.jp/ EXTERNAL VIEW 50 40 30 20 10 0 100 CAS OUT MAN CAS/Z MV/DZ INF. IND PV/S 80 60 40 20 0 90 70 50 30 10 MAN Control Button (UP) CAS-MAN Selector (OUT) MAN Control Button (DOWN) MAN Output LED (ON at Manual Mode) CAS Output LED (ON at CAS Mode) INF. LED MV/DZ LED CAS/Z LED PV/S LED Digital Display Selector Digital Display Bargraph Display Tag Plate % m % EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 48 (1.89) 45 (1.77) 12.5 (.49) 2 (.08) 86 (3.39) 98.5 (3.88) 20–M3 SCREW TERMINAL TERMINAL COVER MOUNTING BRACKET WATERTIGHT PACKING 4–M3 SCREW 1 11 2 12 3 13 4 14 5 15 6 16 7 17 8 18 9 19 10 20 50 40 30 20 10 0 100 CAS OUT MAN PV/S MV/DZ INF. IND CAS/Z 80 60 40 20 0 % m % 90 70 50 30 10 PANEL CUTOUT unit: mm Panel thickness: 1.6 – 8.0 mm • Single Mounting (Conform to degree of protection IP65) • Clustered Mounting (Not conform to degree of protection IP65) 45 + 0.6 – 0 Panel thickness: 1.6 – 8.0 mm L = (45.5 + 48 × (N – 1)) (N : number of units) +1 –0 L Note 1: Observe at the minimum of 3 cm above and below the units for heat dissipation. Note 2: When replacing ABM, confirm that panel cutout size is the same as shown above. • When mounting, no extra space is needed between units. |