| データシートサーチシステム |
|
FRT-D6-R データシート(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
FRT-D6-R データシート(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: FRT FRT SPECIFICATIONS ES-1447 Rev.6 Page 2/4 http://www.m-system.co.jp/ GENERAL SPECIFICATIONS Construction: Plug-in Connection: M3.5 screw terminals (torque 0.8 N·m) Screw terminal: Nickel-plated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Input or output to power Overrange output: Approx. -10 to +120 % at 1 – 5 V Ratio adjustment: 0.5 – 3.0 (front) Bias adjustment: -100 – +100 % (front) Monitor jack diameter: 2 mm (.08") Equation: Xo = KXi + B where Xo : output (%) Xi : input (%) K : ratio (linear characteristic; 0.5 – 3.0) B : bias (-100 – +100 %) (factory setting: K = 1, B = 0 %) INPUT SPECIFICATIONS ■ DC Current: Shunt resistor attached to the input terminals (0.5 W) Specify input resistance value for code Z. ■ DC Voltage: 0 – 300 V DC Minimum span: 1 V Offset: Max. 1.5 times span Input resistance: ≥ 1 MΩ OUTPUT SPECIFICATIONS ■ DC Current: 0 – 20 mA DC Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 15 V max. ■ DC Voltage: 0 – 12 V DC Minimum span: 5 mV Offset: Max. 1.5 times span Load resistance: Output drive 1 mA max.; at ≥ 0.5 V INSTALLATION Power input •AC: Approx. 4.5 VA •DC: 24 V approx. 80 mA; 110 V approx. 20 mA Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Surface or DIN rail; Standard Rack Mounting Frame BX-16H available Weight: 200 g (0.44 lb) PERFORMANCE in percentage of span Setpoint accuracy: ±1.0 % (for monitor output voltage) Computing accuracy: ±0.5 % (with ratio=1, bias=0 %) Temp. coefficient: ±0.025 %/°C (±0.014 %/°F) Response time: ≤ 0.5 sec. (0 – 90 %) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength Power input code R: 2000 V AC @ 1 minute (input or output or power to ground) 500 V AC @ 1 minute (I/O to power) Power input code K, L, P: 2000 V AC @ 1 minute (input or output or power to ground) 1500 V AC @ 1 minute (I/O to power) |