| データシートサーチシステム |
|
JFTS データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
JFTS データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: JFTS JFTS SPECIFICATIONS ES-1685 Rev.6 Page 4/4 http://www.m-system.co.jp/ FUNCTIONS H H INPUT t OUTPUT t N numbers N numbers average ■MOVING AVERAGE OUTPUT (model: JFTS1) The JFTS1 samples input signals every H seconds and outputs proportionally to an average of N numbers of sampled data. When a new input is sampled after another H seconds, it gives up the oldest sample and calculates a new average including the latest sample and outputs proportionally. H : sampling cycle (0.1 to 100.0 seconds adjustable) N : number of samples to be calculated (1 to 100 adjustable) INPUT •Step Input with Dead-Time t OUTPUT t 0 0 H x N INPUT •Step Input with Dead-Time Plus Time Constant t OUTPUT t 0 0 T H x N ■ DEAD-TIME COMPUTING (model: JFTS2) The JFTS2 does not respond to an input signal for a preset dead-time duration. In addition, with adjusting a time constant T, it generates a first order lag output after the dead-time. X0 (s) = X1 (s) + H × N (s) X0 : output X1 : input Dead Time = H × N (s) (H ≤ T) H : sampling cycle (0.1 to 100.0 seconds adjustable) N : numbers of samples to be calculated (1 to 100 adjustable) T : time constant (0.1 to 100.0 seconds adjustable) e 1 + T s –Ls Specifications are subject to change without notice. |