| データシートサーチシステム |
|
KPRU-14-S/Q データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KPRU-14-S/Q データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: KPRU KPRU SPECIFICATIONS ES-3575 Rev.15 Page 4/4 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Base Socket Pulse Volt. Amplifier Output Driver OUTPUT 6 1 2 U(+) V(–) POWER 7 8 12V Supply INPUT 5 + – 3 4 + SENSOR EXCITATION One-shot + ■ Dry Contact Input Connection Examples + – – +12V PWR ■ Voltage Pulse, Sine Wave + + – – +12V PWR ■ Open Collector Output Connection Examples + – 1 2 + – ■ Voltage Pulse + – 1 2 + – ■ Relay Contact • AC Powered 1 2 LOAD Relay or Counter Coil Varistor or Spark Quenching Circuit • DC Powered 1 2 LOAD Relay or Counter Coil Spark Quenching Diode SCALING FACTOR ADJ. Scaler PULSE WIDTH ADJ. SENSITIVITY ADJ. 7.5kΩ +7.5V + – 3 4 + 5 + – 3 4 + 5 U Specifications are subject to change without notice. |