| データシートサーチシステム |
|
LEDD10 データシート(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
LEDD10 データシート(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG |
|
2 / 5 page ![]() GAPTEC-Electronic GmbH & Co. KG sales@gaptec-electronic.com – www.gaptec-electronic.com Page 2 of 5 LEDD10_24_P – Rev. 2018-1.2 Specifications subject to change without notice. Part Number Input Voltage [VDC] Nominal (Range) Input current [mA, typ., 5 LEDs] Output Voltage [VDC] Output Current [mA] Max. capacitive load [µF] Efficiency [%, typ] LEDD10_24-300P 24 (5.5-48) 237 3.3-36 0-300 1000 95 LEDD10_24-350P 24 (5.5-48) 276 3.3-36 0-350 1000 95 LEDD10_24-500P 24 (5.5-48) 395 3.3-36 0-500 1000 95 LEDD10_24-600P 24 (5.5-48) 474 3.3-36 0-600 1000 95 LEDD10_24-700P 24 (5.5-48) 553 3.3-36 0-700 1000 95 Input voltage Output voltage range [VDC] Output constant current [mA] Output power [W, max] 48 3.3-36.0 300 10.80 36 3.3-32.0 300 9.60 24 3.3-21.0 300 6.30 20 3.3-17.0 300 5.10 15 3.3-13.2 300 3.96 12 3.3-10.0 300 3.00 5.5 3.3-4.0 300 1.20 Input voltage Output voltage range [VDC] Output constant current [mA] Output power [W, max] 48 3.3-36.0 350 12.60 36 3.3-32.0 350 11.20 24 3.3-21.0 350 7.35 20 3.3-17.0 350 5.95 15 3.3-13.2 350 4.62 12 3.3-10.0 350 3.50 5.5 3.3-4.0 350 1.40 Input voltage Output voltage range [VDC] Output constant current [mA] Output power [W, max] 48 3.3-36.0 500 18.00 36 3.3-32.0 500 16.00 24 3.3-21.0 500 10.50 20 3.3-17.0 500 8.50 15 3.3-13.2 500 6.60 12 3.3-10.0 500 5.00 5.5 3.3-4.0 500 2.00 Input voltage Output voltage range [VDC] Output constant current [mA] Output power [W, max] 48 3.3-36.0 600 21.60 36 3.3-32.0 600 19.20 24 3.3-21.0 600 12.60 20 3.3-17.0 600 10.20 15 3.3-13.2 600 7.92 12 3.3-10.0 600 6.00 5.5 3.3-4.0 600 2.40 Input voltage Output voltage range [VDC] Output constant current [mA] Output power [W, max] 48 3.3-36.0 700 25.20 36 3.3-32.0 700 22.40 24 3.3-21.0 700 14.70 20 3.3-17.0 700 11.90 15 3.3-13.2 700 9.24 12 3.3-10.0 700 7.00 5.5 3.3-4.0 700 2.80 LEDD10_24_P Series Constant current power LED driver - Wide Input - Non-Isolated & Regulated Typical application circuits Input vs. Output If it is necessary to protect LED in actual application, you could connect a PTC to the input of every channel or all channels, as shown in Recommended AC input circuit. Note: The negative output terminal can’t connect GND, or the module may be damaged. |