データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FTK4435 データシート(PDF) 4 Page - First Silicon Co., Ltd

部品番号 FTK4435
部品情報  High Power and current handing capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FS [First Silicon Co., Ltd]
ホームページ  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4435 データシート(HTML) 4 Page - First Silicon Co., Ltd

  FTK4435 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4435 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4435 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4435 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SOP-8 PACKAGE INFORMATION
Dimensions in Millimeters (UNIT:mm)
NOTES:
1. All dimensions are in millimeters.
2. Dimensions are inclusive of plating
3. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 6 mils.
4. Dimension L is measured in gauge plane.
5. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.
2017. 01. 02
4/4
Revision No : 1
FTK4435



Html Pages

1 2 3 4