| データシートサーチシステム |
|
FRTD-R-04W-R データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
FRTD-R-04W-R データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: FRTD FRTD SPECIFICATIONS ES-1485 Rev.6 Page 3/4 http://www.m-system.co.jp/ 1500 V AC @ 1 minute (I/O to power) EXTERNAL VIEW Span Adj. Zero Adj. 3 9 9 + 9 9 Bias Adj. Ratio Adj. EXTERNAL DIMENSIONS unit: mm (inch) 1 2 3 4 7 6 8 5 26 (1.02) 15 (.59) 2–4.5 (.18) HOLE 15 (.59) deep 8–M3.5 SCREW 7.8 (.31) 107 (4.21) DIN RAIL 35mm wide [3.3 (.13)] CLAMP (top & bottom) 137 (5.39) •When mounting, no extra space is needed between units. 26 (1.02) TERMINAL ASSIGNMENTS unit: mm (inch) 3 4 7 6 8 5 1 2 INPUT RESISTOR (model: REM) Input shunt resistor attached for current input. |