| データシートサーチシステム |
|
LC2-123-R データシート(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LC2-123-R データシート(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 3 page ![]() MODEL: LC2 LC2 SPECIFICATIONS ES-1357 Rev.4 Page 2/3 http://www.m-system.co.jp/ GENERAL SPECIFICATIONS Construction: Plug-in Connection: M3.5 screw terminals Screw terminal: Chromated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Input or output to power Overrange output: Approx. -10 to +120 % at 1 – 5 V Excitation adjustment: 2 – 5 V (front) limited to ≤ 10 V when the remote sensing terminals are open. Zero adjustments (tare): 0 – 80 % (front) (Excitation voltage: factory default) Span adjustment: 100 – 20 % (front) (Excitation voltage: factory default) ■ DISPLAY (Input indicator) LCD digital display: 0.0 - 100.0 % (min. digit 0.1 %) (No scaling) INPUT SPECIFICATIONS Input: Bridge voltage from load cells Allowable leadwire resistance: ≤ Total Strain Gauge Resistance × 0.25 • Strain Gauge Rated output from strain gauge: 1 – 20 mV/V; Input to the transmitter must be over 3 mV. • Excitation: 2 – 5 V adjustable (5 V standard) Maximum current: 65 mA OUTPUT SPECIFICATIONS ■ DC Current: 0 – 20 mA DC Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 15 V max. ■ DC Voltage: -10 – +12 V DC Minimum span: 5 mV Offset: Max. 1.5 times span Load resistance: Output drive 10 mA max.; 5 mA for negative voltage output; at ≥ 0.5 V INSTALLATION Power input •AC: Operational voltage range: rating ±10 %, 50/60 ± 2 Hz, approx. 5 VA •DC: Operational voltage range: 24 V ±10 %, approx. 150 mA, ripple 10 %p-p max. Operating temperature: -5 to +60°C (23 to 140°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Surface or DIN rail Weight: 430 g (0.95 lb) PERFORMANCE in percentage of span Accuracy: ±0.1 % (input ≥ 3 mV) Display accuracy: ± (0.1 % of FS + 1 digit) (input ≥ 3 mV) Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) (input ≥ 3 mV) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute for AC power 1000 V AC @1 minute for DC power (input or output to power) 2000 V AC @1 minute (input or output or power to ground) |