データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UT60N03L-TN3-R データシート(PDF) 4 Page - VBsemi Electronics Co.,Ltd

部品番号 UT60N03L-TN3-R
部品情報  N-Channel 20-V (D-S)175 C MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VBSEMI [VBsemi Electronics Co.,Ltd]
ホームページ  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UT60N03L-TN3-R データシート(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  UT60N03L-TN3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UT60N03L-TN3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UT60N03L-TN3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UT60N03L-TN3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UT60N03L-TN3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UT60N03L-TN3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.0
0.4
0.8
1.2
1.6
2.0
-50 -25
0
25
50
75
100 125 150 175
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
100
10
1
0.3
0.6
0.9
1.2
1.5
VGS = 4.5 V
ID = 20 A
TJ = 25_C
TJ = 150_C
0
THERMAL RATINGS
0
10
20
30
40
50
0
25
50
75
100
125
150
175
Safe Operating Area
VDS - Drain-to-Source Voltage (V)
200
10
0.1
1
10
100
Limited
by rDS(on)
1
100
TC = 25_C
Single Pulse
Maximum Avalanche Drain Current
vs. Case Temperature
TC - Case Temperature (_C)
1 ms
10 ms
100 ms
dc
10 ms
100 ms
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10-4
10-3
10-2
10-1
100
600
0.2
0.1
Duty Cycle = 0.5
1
10
0.05
0.02
Single Pulse
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
UT60N03L-TN3-R
4



Html Pages

1 2 3 4 5 6